Part Number Hot Search : 
1N474 7N60K 62LV256 03203 IDT74 MX315 MA4ST554 EG21SR
Product Description
Full Text Search
 

To Download BAS70-06T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bas70t 150mwatt, 70volt schottky barrier diode sot-523 features ? ultra-small surface mount package ? low turn on voltage ? fast switching ? pn junction guard ring for transient andesd protection mcc part number device marking type pin configuration bas70t 7c single figure 1 bas70-04t 7d dual figure 2 bas70-05t 7e dual figure 3 BAS70-06T 7f dual figure 4 maximum ratings dc blocking voltage v r 70v forward continuous current i f 70ma non-repetitive peak forward current t<1s i fsm 100ma total power dissipation @ t a = 25 c p d 150mw storage temperature range t stg -55 c to 150 c junction temperature t j -55 c to 150 c electrical characteristics @ 25 c unless otherwise specified ratings symbol max. notes forward voltage v f 410mv 1000mv i f =1ma i f =15ma reverse current i r 100na v r = 50v reverse breakdown voltage v (br) >70v i r =10ua total capacitance c t 2pf measured at 1.0mhz, v r =0v reverse recovery time t rr 5ns i f =i r = 10ma ; irr=0.1*i r r l = 100 mcc bas70-04t bas70-05t BAS70-06T revision: a 2011 /01/01  
omponents 20736 marilla street chatsworth    !"# $
% !"# inches mm dim min max min max note a .059 .067 1.50 1.70 b .030 .033 0.75 0.85 c .057 .069 1.45 1.75 d .020 nominal 0.50nominal e .035 .043 0.90 1.10 g .000 .004 .000 .100 h .028 .031 .70 0.80 j .004 .008 .100 .200 k .010 .014 .25 .35 a c b d e g h j dimensions k tm micro commercial components www.mccsemi.com 1 of 3 epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
figure 1 figure 3 figure 2 figure 4 mcc 0.1 0 1.0 10 0.4 0.6 0.2 0.8 1.2 1.0 1.4 1.6 v , instantaneous forward voltage (v) f fi g . 1 t y pical forward characteristics i , instantaneous forward current (ma) f 100 t = 125oc a t = -40oc a t = 75oc a t = 25oc a t = 0oc a 0.1 1 10 100 1000 10000 0 20 10 30 6050 40 70 v , reverse voltage (v) r fi g .2 t y pical reverse characteristics i , instantaneous reverse current (na) r t = -40oc a t = 25oc a t = 75oc a t = 125oc a t = 0oc a pin configuration - t op v i ew 0 0.2 0.4 0.6 0.8 1.4 1.2 1.0 1 . 8 1.6 0 10 5 20 25 15 35 30 40 c , total capacitance (pf) t v , reverse voltage (v) r fi g .3 t y pical capacitance f= 1.0mhz 0 100 200 2 5 0 200 150 50 100 0 t , ambient temperature ( c) a fi g . 4 power deratin g curve, total packa g e p , power dissipation (mw) d bas70t/ -04t/ -05t/ -06t revision a 20 /0/0 tm micro commercial components www. mccsemi .com 2 of 3
mcc revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 3 of 3 device packing part number-tp tape&reel: 3 kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of BAS70-06T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X